Part Number Hot Search : 
KAQY210 TLP62 AD977 1J101M ICE2000 AN7586 GF10N SN67010
Product Description
Full Text Search
 

To Download 2M17Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2M11Z - 2M200Z
2.0 Watts Glass Passivated Junction Silicon Zener Diodes DO-15
Features
UL Recognized File # E-96005 Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Low profile package Built-in strain relief Excellent clamping capability Typical to less than 1A High temperature soldering guaranteed: 260oC / 10 seconds / .375",(9.5mm) lead length / 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic Terminals: Pure tin plated lead free,, solderable per mil-std-750, method 2026 Polarity: Color band denotes positive end (cathode) Weight: 0.04gram, 0.015 ounce
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
Steady State Power Dissipation at TL=75oC Lead Lengths .375", 9.5mm ( Note 1 ) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) ( Note 2 )
Symbol PD IFSM
Value 2.0 15
Units Watts Amps
o
TJ, TSTG -55 to + 175 Operating and Storage Temperature Range 1. Mounted on 5.0mm (0.13mm thick) land areas. Notes: 2. Measured on 8.3ms Single half sine-wave of equivalent square wave, duty cycle=4 pulses per minute maximum.
C
Version: A06
ELECTRICAL CHARACTERISTICS (Ratings at TA=25OC ambient temperature unless otherwise specified).
Nominal Zener Voltage Test Vz @ Izt Current Voltage IZT (Notes 2) 11 12 13 14 15 16 17 18 19 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 140 150 160 170 180 190 200 (mA) 45.5 41.5 38.5 35.7 33.4 31.2 29.4 27.8 26.3 25.0 22.8 20.8 18.5 16.6 15.1 13.9 12.8 11.6 10.6 9.8 9.0 8.1 7.4 6.7 6.1 5.5 5.0 4.5 4.2 3.8 3.6 3.3 3.1 2.9 2.8 2.6 2.5 Maximum Zener Impedance (Note 3) Leakage Current ZZT @ IZT
(Ohms) ZZK @ IZK (Ohms) 700 700 700 700 700 700 750 750 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 3000 3000 4000 4500 5000 5500 6000 6500 7000 7000 8000 IZK mA 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
Device
IR(uA) 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
VR(V) 8.4 9.1 9.9 10.6 11.4 12.2 13.0 13.7 14.4 15.2 16.7 18.2 20.6 22.5 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56 62.2 69.2 76 83.6 91.2 98.8 106.4 114 121.6 130.4 136.8 144.8 152.0
Maximum Zener Current IZM (mA) 166 152 138 130 122 114 107 100 95 90 82 76 68 60 55 50 47 43 39 36 32 29 27 24 22 20 18 17 15 14 13 12 11 11 10 10 9.0
Surge Current @ TA=25 ir - mA 1.82 1.66 1.54 1.43 1.33 1.25 1.18 1.11 1.05 1.00 0.91 0.83 0.74 0.67 0.61 0.56 0.51 0.45 0.42 0.39 0.36 0.32 0.29 0.27 0.24 0.22 0.20 0.18 0.16 0.15 0.14 0.13 0.12 0.12 0.11 0.10 0.10
2M11Z 2M12Z 2M13Z 2M14Z 2M15Z 2M16Z 2M17Z 2M18Z 2M19Z 2M20Z 2M22Z 2M24Z 2M27Z 2M30Z 2M33Z 2M36Z 2M39Z 2M43Z 2M47Z 2M51Z 2M56Z 2M62Z 2M68Z 2M75Z 2M82Z 2M91Z 2M100Z 2M110Z 2M120Z 2M130Z 2M140Z 2M150Z 2M160Z 2M170Z 2M180Z 2M190Z 2M200Z
4.0 4.5 5.0 5.5 7.0 8.0 9.0 10 11 11 12 13 18 20 23 25 30 35 40 48 55 60 75 90 100 125 175 250 325 400 500 575 650 675 725 825 900
8000
0.25
Notes: 1. TOLERANCES - Suffix indicates 5% tolerance any other tolerance will be considered as a special device. 2. ZENER VOLTAGE (VZ) MEASUREMENT - guarantees the zener voltage when measured at 40 ms 10ms from the diode body, and an ambient temperature of 25 ( + 68, -2 ). 3. ZENER IMPEDANCE (ZZ) DERIVATION - The zener impedance is derived from the 60 cycle ac voltage, which results when an an current having an rms falue equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK. 4. SURGE CURRENT (Ir) NON_REPETITIVE - The rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC standards, however, actual device capability is as described in Figure 3.
RATINGS AND CHARACTERISTIC CURVES (2M11Z THRU 2M200Z)
FIG.1- TYPICAL THERMAL RESPONSEL
30 20
D = 0.5
JL (t,D) TRANSIENT THERMAL RESISITANCE JUNCTION-TO-LEAD (oC/W)
10 7 5 3 2
D = 0.2
D = 0.1 D = 0.05 D = 0.02
NOTE BELOW 0.1 SECOND. THERMAL RESPONSE CURVE IS APPLICABLE TO ANY LEAD LENGTH (L)
PPK
t1 t2
DUTY CYCLE, D=t1 t2
1 0.7 D = 0.01 0.5 0.3 0.01
D=0
SINGLE PULSE TJL = JL(1)PPK REPETITIVE PULSES TJL = JL(1,D)PPK
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
500
FIG.2- MAXIMUM SURGE POWER
IR, REVERSE LEADAGE(uAdc) @VR AS SPECIFIED IN ELEC. CHAR. TABLE
1 0.5 0.3 0.2 0.1 0.05 0.03 0.02 0.01 0.005 0.003 0.002 0.001 0.0005 0.0003 0.0002 0.0001
FIG.3- TYPICAL REVERSE LEAKAGE
Ppk, PEAK SURGE POWER (WATTS)
250 150 100 50 40 20
RECTANGULAR NONREPETITIVE O WAVEFORM TJ = 25 C PRIOR TO INITIAL PULSE
10
0.1
0.2
0.5
1
2
5
10
20
50
100
1
2
5
10
20
50
100
200
500
1000
PW, PULSE WIDTH (ms)
NORMAL VZ (VOLTS)
OVZ, TEMPERAYURE COEFFICIENT (mV/oC) @IZT
8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 3 4 5 6 7 8 9 10 VZ, ZENER VOLTAGE @IZT (VOLTS) 11 12 RANGE
OVZ, TEMPERAYURE COEFFICIENT (mV/oC) @IZT
FIG.4- UNIT TO 12 VOLTS
8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5
FIG.5- UNIT 10 TO 200 VOLTS
VZ @ IZT
VZ @ IZT
RANGE
0
20
40
100 120 140 160 60 80 VZ, ZENER VOLTAGE @IZT (VOLTS)
180
200
Version: A06
RATINGS AND CHARACTERISTIC CURVES (2M11Z THRU 2M200Z)
FIG.6- VZ = 3.9 THRU 10 VOLTS
100 100
FIG.7- VZ = 12 THRU 82 VOLTS
IZ, ZENER CURRENT (mA)
10
IZ, ZENER CURRENT (mA)
10
1
1
0.1
0
1
2
3
4
5
6
7
8
9
10
0.1 0
10
20
30
40
50
60
70
80
90
100
VZ, ZENER VOLTAGE (VOLTS)
VZ, ZENER VOLTAGE (VOLTS)
FIG.8- VZ = 3.9 THRU 10 VOLTS
100
FIG.9- TYPICAL THERMAL RESISTANCE
80 70 JL, JUNCTION-LEAD THERMAL O RESISTANCE ( C/W)
IZ, ZENER CURRENT (mA)
60 50 40 30 20 10
10
1
0.1 100
120
140
160
180
200
0 0
1/8
1/4
3/8
1/2
5/8
3/4
7/8
1
VZ, ZENER VOLTAGE (VOLTS)
L, LEAD LENGTH TO HEAT SINK (INCH)
Version: A06


▲Up To Search▲   

 
Price & Availability of 2M17Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X